|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Ordering number : ENA1658 SBR250-10JS www..com SANYO Semiconductors DATA SHEET SBR250-10JS Applications * Schottky Barrier Diode (Twin Type * Cathode Common) 100V, 25A Rectifier High frequency rectification (switching regulators, converters, choppers). Features * * * * Low reverse current. Low switching noise. High reliability due to highly reliable planar structure. Attachment workability is good by Mica-less package. Specifications Absolute Maximum Ratings at Ta=25C Parameter Repetitive Peak Reverse Voltage Nonrepetitive Peak Reverse Surge Voltage Average Output Current Surge Forward Current Junction Temperature Storage Temperature Symbol VRRM VRSM IO IFSM Tj Tstg 50Hz resistive load, sine wave Tc=59C 50Hz sine wave, 1 cycle Conditions Ratings 100 105 25 120 --55 to +150 --55 to +150 Unit V V A A C C Electrical Characteristics at Ta=25C Parameter Reverse Voltage Forward Voltage Reverse Current Interterminal Capacitance Thermal Resistance Symbol VR VF IR C Rth(j-c) Conditions IR=5mA, Tj=25C * IF=12.5A, Tj=25C * VR=50V, Tj=25C * VR=10V, Tj=25C * Junction-Case : Smoothed DC 450 3.0 Ratings min 100 0.85 300 typ max Unit V V A pF C / W Note) * : Value per element Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, AV equipment, communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. If you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. www.semiconductor-sanyo.com/network 21710SD TK IM TC-00002262 No. A1658-1/3 SBR250-10JS Package Dimensions unit : mm (typ) 7525-001 10.0 3.5 4.5 2.8 2 www..com Electrical Connection 1 3 3.2 1 : Anode 2 : Cathode 3 : Anode Top view 16.0 3.6 7.2 1.6 1.2 14.0 0.75 123 0.7 1 : Anode 2 : Cathode 3 : Anode SANYO : TO-220ML(LS) 2.55 2.55 2.4 100 7 5 3 2 IF -- VF 2 100 7 5 3 2 10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2 0.01 IR -- VR Tj=1 typ 50C C ty p Reverse Current, IR -- mA Forward Current, IF -- A Tj =1 5 25 C 0C typ typ 10 7 5 3 2 1.0 7 5 3 2 0.1 0 0.2 125 C typ 100 75C typ 0.4 0.6 0.8 1.0 1.2 1.4 IT06344 0 20 40 60 80 100 120 IT06345 Forward Voltage, VF -- V Average Forward Power Dissipation, PF(AV) -- W 35 Average Reverse Power Dissipation, PR(AV) -- W PF(AV) -- IO Reverse Voltage, VR -- V 25 PR(AV) -- VRM 30 25 (1)Rectangular wave =60 (2)Rectangular wave =120 (3)Rectangular wave =180 (4)Sine wave =180 Rectangular wave (1) (3) (2) (4) 20 (1)Rectangular wave =300 (2)Rectangular wave =240 (3)Rectangular wave =180 (4)Sine wave =180 Rectangular wave VR 360 PR max at Tj=150C (1) (2) (3) 20 15 10 5 180 0 0 2 4 6 8 360 360 15 Sine wave 10 VR 5 180 360 Sine wave (4) 10 12 14 16 18 20 22 24 26 28 30 IT06346 0 0 10 20 30 40 50 60 70 80 90 100 110 Average Output Current, IO -- A Peak Reverse Voltage, VRM -- V IT06347 No. A1658-2/3 SBR250-10JS 150 Tc -- IO Interterminal Capacitance, C -- pF 2 C -- VR www..com f=100kHz Case Temperature, Tc -- C 120 (1)Rectangular wave =60 (2)Rectangular wave =120 (3)Rectangular wave =180 (4)Sine wave =180 Rectangular wave 360 1000 7 5 90 3 2 60 (4) Sine wave 180 360 (1) 10 15 (2) 20 25 (3) 30 IT06348 100 7 7 1.0 2 3 5 7 2 3 5 7 100 2 IT06349 30 0 5 10 Average Output Current, IO -- A 140 Transient Thermal Resistance Rth(j - c) -- C / W IFSM -- t Reverse Voltage, VR -- V 5 3 2 Rth(j - c) -- t Surge Forward Current, IFSM(Peak) -- A 120 100 Current waveform 50Hz sine wave Tj=150C IS 20ms t 80 60 40 20 0 0.01 1.0 7 5 3 2 2 3 5 7 0.1 2 3 5 7 1.0 2 3 0.1 0.001 2 3 5 70.01 2 3 5 7 0.1 2 3 5 7 1.0 23 Time, t -- s IT06350 Time, t -- s 5 7 10 2 3 IT06351 SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein. SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor Co.,Ltd. product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. Upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above. This catalog provides information as of February, 2010. Specifications and information herein are subject to change without notice. PS No. A1658-3/3 |
Price & Availability of SBR250-10JS |